Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE4963-2M Fiches technique(PDF) 5 Page - Infineon Technologies AG

No de pièce TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Fiches technique(HTML) 5 Page - Infineon Technologies AG

  TLE4963-2M Datasheet HTML 1Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 2Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 3Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 4Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 5Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 6Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 7Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 8Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
5
Use the qr-code or visit us on
www.infineon.com/xensiv
to get the whole portfolio
overview, our latest down-
loads and videos.
XENSIV™
XENSIV™
XENSIV™
As part of our comprehensive XENSIV™ sensor family, we now
also offer high-performance MEMS microphones qualified
according to the state-of-the-art automotive quality standard
AEC-Q103-003. These microphones close the industry gap,
providing the best possible fit for automotive applications.
Automotive XENSIV™ MEMS microphones combine our
proven expertise in the automotive industry with our
technical leadership in high-end silicon microphones. Our
high performance MEMS microphones are also the first
choice for consumer applications.
On the automotive front – where safety and high precision
are essential – many manufacturers rely on our XENSIV™
products for tire pressure monitoring system (TPMS), seat
comfort, side crash detection, pedestrian impact detection
and weather applications.
Infineon’s RASIC™ 77-GHz chips are used in Radar-based
driver assistance systems – such for Adaptive Cruise Control or
collision avoidance – which recognize objects at a range of up to
250 meters. With more than 200 million chips already delivered
to customers, we are the market leader in Radar chips.
Our comprehensive family of XENSIV™ sensors includes
a wide choice of pressure sensors tailored specifically to
the needs of automotive, industrial and consumer sectors.
Offering rapid time-to-market, our XENSIV™ portfolio
ensures the perfect fit for all performance and integrity
needs. Featuring analog and digital interfaces, these
sensors give customers a high degree of design flexibility,
while also enabling manufacturers to meet evolving market
and compliance demands.
The latest XENSIV™ PAS CO2 sensor is an exceptionally
small, real CO2 sensor and is ideal for high-volume smart
home and building automation applications such as
demand-controlled ventilation systems, air purifiers and
thermostats. This disruptive sensor technology enables
users to accurately measure and adjust indoor air quality,
contributing to the overall wellbeing, health and productivity
of occupants while also optimizing energy efficiency.
Our XENSIV™ – high-precision coreless current sensors are
dedicated for high voltage industrial applications which
require an accurate and stable current measurement, such
as electric drives or photovoltaic inverters up to 120 A.
In the Internet of Things, sensors are omnipresent and
mark the starting point of each and every IoT system. They
collect all kinds of data on their surroundings, providing
the entry point for all subsequent functions and features.
Building on its well-founded systems expertise, Infineon’s
broad portfolio in the XENSIV™ family contains ready-to-
use solutions to enable a fast time-to-market and reliable
functionality for applications in the area of smart home &
smart building, smart things, smart factory or smart cars.
Today, we are already inspiring the next generation of smart
environments, capable of understanding and responding to
human communication.
Infineon’s semiconductors are at the very heart of machine-
to-machine (M2M), human-machine interface (HMI), mobile
and wireless infrastructure technologies. As the technological
boundary between humans and machines gradually
disappears, these devices need even more advanced
intelligence, enriched with voice assistance capabilities and
the latest sensor fusion innovations, not to mention robust
security technologies to protect personal data.
Infineon’s sensors and microphones are already delivering
this intelligent functionality and inspiring the next step in
mobile connectivity.
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91