Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE4964-2M Fiches technique(PDF) 13 Page - Infineon Technologies AG

No de pièce TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Fiches technique(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 9Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 10Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 11Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 12Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 13Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 14Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 15Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 16Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
13
Steering angle sensors
The absolute steering angle position is an input for the
Electric Stability Program (ESP) and other driver
assistance systems. A typical module design used for
steering angle measurement is a design featuring gear
wheels with a slightly different number of tooths. The
angular positions of the gear wheels are measured by two
angle sensors, where the absolute steering wheel position
is calculated from those positions via the Vernier principle.
Schematic steering angle sensor module and illustration of the Vernier principle
Steering wheel turns
Sensor 1
01234
5
0
45
90
135
180
225
270
315
360
Sensor 2
Sensors in
Electric Power Steering (EPS)
www.infineon.com/eps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91