| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4964-2M Fiches technique(PDF) 71 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4964-2M Fiches technique(HTML) 71 Page - Infineon Technologies AG |
|
71 / 91 page ![]() 71 Key benefits of radar sensing › Direction, proximity, and speed detection › Segmentation and tracking functionalities › Target positioning › Detection through non-conductive materials – Product design flexibility – Anonymous sensing › Maintains operation through harsh environmental conditions such as rain, snow, fog, dust, etc. › Sensitive enough to capture breathing and heartbeat – Radar can feel presence & vital functions › Radar performance parameters can be adjusted – Adaptable to different application requirements New application or simple PIR replacement? Radar has it covered. Radar, used in motion detection applications, increases accuracy when compared to passive infrared (PIR) technology, allowing more precise measurement of object detection, and providing new capabilities such as the detection of speed and the direction of moving objects. Radar is also superior to camera-based systems by allowing detection of the objects while keeping identities anonymous. Applications Radar sensor for IoT www.infineon.com/radar-for-iot Mobile phone |