Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58LR128KB855 Fiches technique(PDF) 76 Page - Numonyx B.V

No de pièce M58LR128KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB855 Fiches technique(HTML) 76 Page - Numonyx B.V

Back Button M58LR128KB855 Datasheet HTML 72Page - Numonyx B.V M58LR128KB855 Datasheet HTML 73Page - Numonyx B.V M58LR128KB855 Datasheet HTML 74Page - Numonyx B.V M58LR128KB855 Datasheet HTML 75Page - Numonyx B.V M58LR128KB855 Datasheet HTML 76Page - Numonyx B.V M58LR128KB855 Datasheet HTML 77Page - Numonyx B.V M58LR128KB855 Datasheet HTML 78Page - Numonyx B.V M58LR128KB855 Datasheet HTML 79Page - Numonyx B.V M58LR128KB855 Datasheet HTML 80Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
Block address tables
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
76/111
Table 32.
M58LR128KT - block addresses in main banks
Block number offset
Block base address offset
0
07 0000
1
06 0000
2
05 0000
3
04 0000
4
03 0000
5
02 0000
6
01 0000
7
00 0000
Table 33.
M58LR256KT - parameter bank block addresses
Block number
Size (Kwords)
Address range
0
16
FFC000-FFFFFF
1
16
FF8000-FFBFFF
2
16
FF4000-FF7FFF
3
16
FF0000-FF3FFF
4
64
FE0000-FEFFFF
5
64
FD0000-FDFFFF
6
64
FC0000-FCFFFF
7
64
FB0000-FBFFFF
8
64
FA0000-FAFFFF
9
64
F90000-F9FFFF
10
64
F80000-F8FFFF
11
64
F70000-F7FFFF
12
64
F60000-F6FFFF
13
64
F50000-F5FFFF
14
64
F40000-F4FFFF
15
64
F30000-F3FFFF
16
64
F20000-F2FFFF
17
64
F10000-F1FFFF
18
64
F00000-F0FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More