Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LNBK16 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce LNBK16
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBK16 Fiches technique(HTML) 4 Page - STMicroelectronics

  LNBK16 Datasheet HTML 1Page - STMicroelectronics LNBK16 Datasheet HTML 2Page - STMicroelectronics LNBK16 Datasheet HTML 3Page - STMicroelectronics LNBK16 Datasheet HTML 4Page - STMicroelectronics LNBK16 Datasheet HTML 5Page - STMicroelectronics LNBK16 Datasheet HTML 6Page - STMicroelectronics LNBK16 Datasheet HTML 7Page - STMicroelectronics LNBK16 Datasheet HTML 8Page - STMicroelectronics LNBK16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage (VCC1, VCC2, MI)
28
V
Io
Output Current (LNBA, LNBB)
Internally limited
Vi
Logic Input Voltage (ENT, EN, OSEL, VSEL, LLC)
-0.5 to 7
V
ISW
Bypass Switch Current
900
mA
Ptot
Power Dissipation at Tcase <85
oC14
W
Tstg
Storage Temperature Range
- 40 t o 150
oC
Top
Operating Junction Temperature Range
- 40 t o 125
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions
is not implied
THERMAL DATA
Symbol
Parameter
Value
Unit
Rthj- case Thermal Resistance Junction-case
2
oC/W
LOGIC CONTROLS TRUTH TABLES
Control I/O
Pin Name
L
H
OUT
O LF
IOUT >IOMAX or Tj >150
OCIOUT <IOMAX
IN
ENT
22KHz t one O FF
22KHz tone ON
IN
EN
See table below
See table below
IN
OSEL
See table below
See table below
IN
VSEL
See table below
See table below
IN
LLC
See table below
See table below
EN
OSEL
VSEL
LLCP
VLNBA
VLNBB
LX
X
X
VMI -0. 4V (typ.)
Disabled
H
L
L
L
13V (typ.)
Disabled
H
L
H
L
18V (typ.)
Disabled
H
L
L
H
14V (typ.)
Disabled
H
L
H
H
19V (typ.)
Disabled
H
H
L
L
Disabled
13V (typ.)
H
H
H
L
Disabled
18V (typ.)
H
H
L
H
Disabled
14V (typ.)
H
H
H
H
Disabled
19V (typ.)
NOTE: All logic input pins have internal pull-down resistor (typ. = 250K
Ω)
LNBK10 SERIES - LNBK20
4/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18