Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LNBK16 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce LNBK16
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBK16 Fiches technique(HTML) 2 Page - STMicroelectronics

  LNBK16 Datasheet HTML 1Page - STMicroelectronics LNBK16 Datasheet HTML 2Page - STMicroelectronics LNBK16 Datasheet HTML 3Page - STMicroelectronics LNBK16 Datasheet HTML 4Page - STMicroelectronics LNBK16 Datasheet HTML 5Page - STMicroelectronics LNBK16 Datasheet HTML 6Page - STMicroelectronics LNBK16 Datasheet HTML 7Page - STMicroelectronics LNBK16 Datasheet HTML 8Page - STMicroelectronics LNBK16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
oscillator is factory trimmed within a tolerance of
±2KHz, thus no further adjustments neither
external components are required.
A burst coding of the 22KHz tone can be
accomplished thanks to the fast response of the
ENT input and the prompt oscillator start-up. This
helps designers who want to implement the
DiSEqC
™ protocols (*).
In order to improve design flexibility and to allow
implementation
of
newcoming
LNB
remote
control standards, an analogic modulation input
pin is available (EXTM). An appropriate DC
blocking capacitor must be used to couple the
modulating signal source to the EXTM pin. When
external modulation is not used, the relevant pin
can be left open.
Two pins are dedicated to the overcurrent
protection/monitoring: CEXT
and
OLF.
The
overcurrent protection circuit works dynamically:
as soon as an overload is detected in either LNB
output, the output is shut-down for a time Toff
determined by the capacitor connected between
CEXT and GND. Simultaneously the OLF pin,
that is an open collector diagnostic output flag,
from HIGH IMPEDANCE state goes LOW. After
the time has elapsed, the output is resumed for a
time ton=1/15toff (typ.) and OLF goes in HIGH
IMPEDANCE. If the overload is still present, the
protection circuit will cycle again through toff and
ton until the overload is removed. Typical ton+toff
value is 1200ms when a 4.7
µF external capacitor
is used.
This dynamic operation can greatly reduce the
power dissipation in short circuit condition, still
ensuring excellent power-on start up even with
highly capacitive loads on LNB outputs.
The device is packaged in Multiwatt15 for
thru-holes mounting and in PowerSO-20 for
surface mounting. When a limited functionality in
a smaller package matches design needs, a
range of cost-effective PowerSO-10 solutions is
also offered. All versions have built-in thermal
protection against overheatingdamage.
(*): External components are needed to comply to level 2.x and above (bidirectional) DiSEqC
™ bus hardware requirements. DiSEqC™ is
a trademark of EUTELSAT.
ORDERING NUMBERS
Type
Multiwatt-15
PowerSO-20
PowerSO-10
LNBK10
LNBK11
LNBK12
LNBK13
LNBK14
LNBK15
LNBK16
LNBK20
LNBK20CR (*)
LNBK20PD
LNBK10SP (*)
LNBK11SP (*)
LNBK12SP (*)
LNBK13SP (*)
LNBK14SP (*)
LNBK15SP (*)
LNBK16SP (*)
PIN CONFIGURATIONS
Multiwatt-15
PowerSO-20
PowerSO-10
(*) Available on request
LNBK10 SERIES - LNBK20
2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18