Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FOD2741AV Fiches technique(PDF) 13 Page - ON Semiconductor

No de pièce FOD2741AV
Description  Optically Isolated Error Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD2741AV Fiches technique(HTML) 13 Page - ON Semiconductor

Back Button FOD2741AV Datasheet HTML 9Page - ON Semiconductor FOD2741AV Datasheet HTML 10Page - ON Semiconductor FOD2741AV Datasheet HTML 11Page - ON Semiconductor FOD2741AV Datasheet HTML 12Page - ON Semiconductor FOD2741AV Datasheet HTML 13Page - ON Semiconductor FOD2741AV Datasheet HTML 14Page - ON Semiconductor FOD2741AV Datasheet HTML 15Page - ON Semiconductor FOD2741AV Datasheet HTML 16Page - ON Semiconductor FOD2741AV Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2741A, FOD2741B, FOD2741C Rev. 1.0.1
1
2
Ordering Information
Marking Information
Option
Example Part Number
Description
No Option
FOD2741A
Standard Through Hole
S
FOD2741AS
Surface Mount Lead Bend
SD
FOD2741ASD
Surface Mount; Tape and Reel
T
FOD2741AT
0.4" Lead Spacing
V
FOD2741AV
VDE0884
TV
FOD2741ATV
VDE0884; 0.4” Lead Spacing
SV
FOD2741ASV
VDE0884; Surface Mount
SDV
FOD2741ASDV
VDE0884; Surface Mount; Tape and Reel
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
Two digit year code, e.g., ‘03’
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
2741A
B
YY
XX
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com