Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FOD2741AV Fiches technique(PDF) 12 Page - ON Semiconductor

No de pièce FOD2741AV
Description  Optically Isolated Error Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD2741AV Fiches technique(HTML) 12 Page - ON Semiconductor

Back Button FOD2741AV Datasheet HTML 8Page - ON Semiconductor FOD2741AV Datasheet HTML 9Page - ON Semiconductor FOD2741AV Datasheet HTML 10Page - ON Semiconductor FOD2741AV Datasheet HTML 11Page - ON Semiconductor FOD2741AV Datasheet HTML 12Page - ON Semiconductor FOD2741AV Datasheet HTML 13Page - ON Semiconductor FOD2741AV Datasheet HTML 14Page - ON Semiconductor FOD2741AV Datasheet HTML 15Page - ON Semiconductor FOD2741AV Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2741A, FOD2741B, FOD2741C Rev. 1.0.1
11
The FOD2741
The FOD2741 is an optically isolated error amplifier. It
incorporates three of the most common elements neces-
sary to make an isolated power supply, a reference volt-
age, an error amplifier, and an optocoupler. It is
functionally equivalent to the popular KA431 shunt volt-
age regulator plus the CNY17F-X optocoupler.
Powering the Secondary Side
The LED pin in the FOD2741 powers the secondary
side, and in particular provides the current to run the
LED. The actual structure of the FOD2741 dictates the
minimum voltage that can be applied to the LED pin: The
error amplifier output has a minimum of the reference
voltage, and the LED is in series with that. Minimum volt-
age applied to the LED pin is thus 2.5V + 1.5V = 4.0V.
This voltage can be generated either directly from the
output of the converter, or else from a slaved secondary
winding. The secondary winding will not affect regula-
tion, as the input to the FB pin may still be taken from the
output winding.
The LED pin needs to be fed through a current limiting
resistor. The value of the resistor sets the amount of
current through the LED, and thus must be carefully
selected in conjunction with the selection of the primary
side resistor.
Feedback
Output voltage of a converter is determined by selecting
a resistor divider from the regulated output to the FB pin.
The FOD2741 attempts to regulate its FB pin to the ref-
erence
voltage, 2.5V. The ratio of the two resistors should thus
be:
The absolute value of the top resistor is set by the input
offset current of 5.2µA. To achieve 0.5% accuracy, the
resistance of RTOP should be:
Compensation
The compensation pin of the FOD2741 provides the
opportunity for the designer to design the frequency
response of the converter. A compensation network may
be placed between the COMP pin and the FB pin. In typ-
ical low-bandwidth systems, a 0.1µF capacitor may be
used. For converters with more stringent requirements, a
network should be designed based on measurements of
the system’s loop. An excellent reference for this pro-
cess may be found in “Practical Design of Power Sup-
plies” by Ron Lenk, IEEE Press, 1998.
Secondary Ground
The GND pin should be connected to the secondary
ground of the converter.
No Connect Pins
The NC pins have no internal connection. They should
not have any connection to the secondary side, as this
may compromise the isolation structure.
Photo-Transistor
The Photo-transistor is the output of the FOD2741. In a
normal configuration the collector will be attached to a
pull-up resistor and the emitter grounded. There is no
base connection necessary.
The value of the pull-up resistor, and the current limiting
resistor feeding the LED, must be carefully selected to
account for voltage range accepted by the PWM IC, and
for the variation in current transfer ratio (CTR) of the
opto-isolator itself.
Example: The voltage feeding the LED pins is +12V, the
voltage feeding the collector pull-up is +10V, and the
PWM IC is the Fairchild KA1H0680, which has a 5V ref-
erence. If we select a 10k
Ω resistor for the LED, the
maximum current the LED can see is:
(12V–4V) / 10k
Ω = 800µA.
The CTR of the opto-isolator is a minimum of 100%, so
the minimum collector current of the photo-transistor
when the diode is full on is also 800µA. The collector
resistor must thus be such that:
select 12k
Ω to allow some margin.
R
TOP
R
BOTTOM
--------------------------
V
OUT
V
REF
--------------
1
–
=
V
OUT
2.5
–
R
TOP
-----------------------------
1040
µA
>
10V
5V
–
R
COLLECTOR
-----------------------------------
800
µA or R
COLLECTOR
6.25k
Ω;
>
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com