Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA330 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STA330
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA330 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STA330 Datasheet HTML 25Page - STMicroelectronics STA330 Datasheet HTML 26Page - STMicroelectronics STA330 Datasheet HTML 27Page - STMicroelectronics STA330 Datasheet HTML 28Page - STMicroelectronics STA330 Datasheet HTML 29Page - STMicroelectronics STA330 Datasheet HTML 30Page - STMicroelectronics STA330 Datasheet HTML 31Page - STMicroelectronics STA330 Datasheet HTML 32Page - STMicroelectronics STA330 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
STA330
Serial digital audio interface (SAI)
29/55
8.5
SAI pass-through
A configuration is available which allows the SAI input signal to be passed straight to the
digital output. The STA330 is able to translate the incoming serial audio interface signal from
SAI-in to a different output format on SAI-out. So the SAI pass-through enables devices to
be cascaded, even devices with slightly different protocols.
The pass-through is set by programming register PWMINT1 on page 49 with the value 0x00
and register PWMINT2 with the value 0x01.
SAI-in protocol is set up with registers S2PCFG0 on page 39 and S2PCFG1 and SAI-out
protocol with P2SCFG0 on page 41 and P2SCFG1.
Input and output data sampling frequencies must be the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55