Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA330 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STA330
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA330 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STA330 Datasheet HTML 9Page - STMicroelectronics STA330 Datasheet HTML 10Page - STMicroelectronics STA330 Datasheet HTML 11Page - STMicroelectronics STA330 Datasheet HTML 12Page - STMicroelectronics STA330 Datasheet HTML 13Page - STMicroelectronics STA330 Datasheet HTML 14Page - STMicroelectronics STA330 Datasheet HTML 15Page - STMicroelectronics STA330 Datasheet HTML 16Page - STMicroelectronics STA330 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
STA330
Applications
13/55
R25
No
No
R16
Yes
Yes
STA510F: PWM2A
R22
No
No
J7
2-3
1-2
Volume up (µLess mode)
J6
2-3
1-2
Volume down (µLess mode)
J5
2-3
2-3
3.3-V supply
J4
2-3 (L)
1-2 (H)
I2CDIS
Table 8.
Components for setting up application (continued)
Component
µController
µLess
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55