Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4996008 Fiches technique(PDF) 2 Page - fivi STOP

No de pièce 4996008
Description  Bobbin Mounts - Type VV (Male - Male)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FIVISTOP [fivi STOP]
Site Internet  
Logo FIVISTOP - fivi STOP

4996008 Fiches technique(HTML) 2 Page - fivi STOP

  4996008 Datasheet HTML 1Page - fivi STOP 4996008 Datasheet HTML 2Page - fivi STOP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4996045
2525VV18-45
25
25
M6 X 18
45
5.9
5.0
29.5
4996070
4025VV25-45
40
25
M10 X 25
45
18.1
5.0
90.5
4996094
4030VV23-45
40
30
M8 X 23
45
12.7
6.0
76.2
4996100
4030VV23-50
40
30
M8 X 23
50
18.3
6.0
109.8
4996124
4030VV23-70
40
30
M8 X 23
70
33.5
6.0
201.0
4996136
4035VV23-45
40
35
M8 X 23
45
9.7
7.0
67.9
4996150
4035VV25-60
40
35
M10 X 25
60
18.1
7.0
126.7
4996161
4040VV25-35
40
40
M10 X 25
35
5.5
8.0
44.0
4996173
4040VV25-60
40
40
M10 X 25
60
15.0
8.0
120.0
4996197
5025VV25-60
50
25
M10 X 25
60
73.5
5.0
367.5
4996227
5035VV25-45
50
35
M10 X 25
45
19.7
7.0
137.9
4996252
5040VV25-60
50
40
M10 X 25
60
26.0
8.0
208.0
4996276
7550VV37-70
75
50
M12 X 37
70
84.1
10.0
841.0
DH
The Type VV Bobbin Mounts are designed to be used on a wide range of applications, and can be used
in compression or shear.
They are manufactured from Natural Rubber in a variety of hardnesses to suit the application, and have
zinc plated steel end sections with either welded or cold formed threads.
This range comes with a Male thread on either end.
Maximum
Stiffness
(DaN)
M x I
IRHD
Stiffness
(DaN/mm)
Max. Static
Deflection
(mm)
Farnell
Ref:
Fibet Ref:
Bobbin Mounts - Type VV (Male - Male)
LOAD
Fibet VV Mounts
Issue 1
Page 2 of 2



Html Pages

1 2