| Moteur de recherche de fiches techniques de composants électroniques |
|
4996008 Fiches technique(PDF) 1 Page - fivi STOP |
|
|
|||||||||||||||||||||||||||||
4996008 Fiches technique(HTML) 1 Page - fivi STOP |
|
1 / 2 page ![]() 4995880 0808VV06-45 8 8 M3 x 6 45 3.0 1.6 4.8 4995892 0808VV06-60 8 8 M3 x 6 60 5.5 1.6 8.8 4995909 1008VV10-45 10 8 M4 x 10 45 3.8 1.6 6.1 4995910 1008VV10-60 10 8 M4 x 10 60 7.2 1.6 11.5 4995922 2020VV18-45 20 20 M6 X 18 45 4.4 4.0 17.6 4995958 2025VV18-60 20 25 M6 X 18 45 5.5 5.0 27.5 1207009 2510VV18-45 25 10 M6 X 18 45 27.8 2.0 55.6 4995960 2513VV13-45 25 13 M6 X 13 45 20.5 2.6 53.3 4995971 2515VV18-45 25 15 M6 X 18 45 15.0 3.0 45.0 4995983 2515VV18-60 25 15 M6 X 18 60 28.3 3.0 84.9 1162559 2520VV18-45 25 20 M6 X 18 45 10.0 4.0 40.0 4995995 2520VV20-35 25 20 M8 X 20 35 5.6 4.0 22.4 4996008 2520VV20-45 25 20 M8 X 20 45 10.0 4.0 40.0 4996021 2520VV20-60 25 20 M8 X 20 60 18.1 4.0 72.4 4996033 2522VV20-60 25 22 M8 X 20 60 15.0 4.4 66.0 DH The Type VV Bobbin Mounts are designed to be used on a wide range of applications, and can be used in compression or shear. They are manufactured from Natural Rubber in a variety of hardnesses to suit the application, and have zinc plated steel end sections with either welded or cold formed threads. This range comes with a Male thread on either end. Maximum Stiffness (DaN) M x I IRHD Stiffness (DaN/mm) Max. Static Deflection (mm) Farnell Ref: Fibet Ref: Bobbin Mounts - Type VV (Male - Male) LOAD Fibet VV Mounts Issue 1 Page 1 of 2 |
Numéro de pièce similaire - 4996008 |
|
Description similaire - 4996008 |