Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1085D2T120 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce LD1085D2T120
Description  3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2T120 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button LD1085D2T120 Datasheet HTML 11Page - STMicroelectronics LD1085D2T120 Datasheet HTML 12Page - STMicroelectronics LD1085D2T120 Datasheet HTML 13Page - STMicroelectronics LD1085D2T120 Datasheet HTML 14Page - STMicroelectronics LD1085D2T120 Datasheet HTML 15Page - STMicroelectronics LD1085D2T120 Datasheet HTML 16Page - STMicroelectronics LD1085D2T120 Datasheet HTML 17Page - STMicroelectronics LD1085D2T120 Datasheet HTML 18Page - STMicroelectronics LD1085D2T120 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
LD1085 SERIES
17/19
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
10.50
10.6
10.70
0.413
0.417
0.421
Bo
15.70
15.80
15.90
0.618
0.622
0.626
Ko
4.80
4.90
5.00
0.189
0.193
0.197
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
11.9
12.0
12.1
0.468
0.472
0.476
Ta
pe & Reel D2PAK-P 2PAK-D 2PAK/A-P 2PAK/A MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19