Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1085D2T120 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce LD1085D2T120
Description  3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2T120 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button LD1085D2T120 Datasheet HTML 11Page - STMicroelectronics LD1085D2T120 Datasheet HTML 12Page - STMicroelectronics LD1085D2T120 Datasheet HTML 13Page - STMicroelectronics LD1085D2T120 Datasheet HTML 14Page - STMicroelectronics LD1085D2T120 Datasheet HTML 15Page - STMicroelectronics LD1085D2T120 Datasheet HTML 16Page - STMicroelectronics LD1085D2T120 Datasheet HTML 17Page - STMicroelectronics LD1085D2T120 Datasheet HTML 18Page - STMicroelectronics LD1085D2T120 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
LD1085 SERIES
16/19
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.028
0.037
B1
0.8
1.3
0.031
0.051
B2
1.14
1.7
0.045
0.067
C
0.45
0.60
0.018
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.394
0.409
E1
8.5
0.335
G
4.88
5.28
0.192
0.208
L
15
15.85
0.591
0.624
L2
1.27
1.4
0.050
0.055
M
2.4
3.2
0.094
0.126
R
0.4
0.016
V2
0°
8°
0°
8°
D2PAK/A MECHANICAL DATA
7106164/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19