Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757VMT7 Fiches technique(PDF) 27 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Fiches technique(HTML) 27 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 151 page
background image
GD32H757xx Datasheet
26
LQFP144
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
PF1
11
I/O
Default: PF1
Alternate: I2C1_SCL, USBHS0_ULPI_D5, OSPIM_P1_IO1,
EXMC_A1, TIMER22_CH1, EVENTOUT
PF2
12
I/O
Default: PF2
Alternate: I2C1_SMBA, USBHS0_ULPI_D6, OSPIM_P1_IO2,
EXMC_A2, TIMER22_CH2, EVENTOUT
PF3
13
I/O
Default: PF3
Alternate: OSPIM_P1_IO3, EXMC_A3, TIMER22_CH3,
EVENTOUT
Additional: ADC2_IN5
PF4
14
I/O
Default: PF4
Alternate: TIMER0_MCH1, TIMER7_MCH1, USART0_TX,
HPDF_DATAIN2, USART2_RTS, USART2_DE,
UART3_RTS, UART3_DE, OSPIM_P1_SCK, SDIO1_D0,
EXMC_A4, TRIGSEL_OUT1, TLI_PIXCLK, EVENTOUT
Additional: ADC2_IN9
PF5
15
I/O
Default: PF5
Alternate: TIMER0_MCH2, TIMER7_MCH2, USART0_RX,
HPDF_CKIN2, UART3_CTS, SDIO1_D1, EXMC_A5,
TRIGSEL_OUT5, TLI_G7, EVENTOUT
Additional: ADC2_IN4
VSS
16
P
-
Default: VSS
VDD
17
P
-
Default: VDD
PF6
18
I/O
Default: PF6
Alternate: TIMER15_CH0, CAN2_RX, SPI4_NSS,
SAI0_SD1, UART6_RX, SAI2_SD1, OSPIM_P0_IO3,
EXMC_D24, TIMER22_CH0, EVENTOUT
Additional: ADC2_IN8
PF7
19
I/O
Default: PF7
Alternate: TIMER16_CH0, CAN2_TX, SPI4_SCK,
SAI0_MCLK1, UART6_TX, SAI2_MCLK1, OSPIM_P0_IO2,
EXMC_D25, TIMER22_CH1, EVENTOUT
Additional: ADC2_IN3
PF8
20
I/O
Default: PF8
Alternate: TIMER15_MCH0, SPI4_MISO, SAI0_SCK1,
UART6_RTS, UART6_DE, SAI2_SCK1, OSPIM_P0_IO0,
EXMC_D26, TIMER22_CH2, EVENTOUT
Additional: ADC2_IN7
PF9
21
I/O
Default: PF9
Alternate: TIMER16_MCH0, SPI4_MOSI, SAI0_FS1,
UART6_CTS, SAI2_FS1, OSPIM_P0_IO1, EXMC_D27,
TIMER22_CH3, EVENTOUT
Additional: ADC2_IN2
PF10
22
I/O
Default: PF10
Alternate: TIMER15_BRKIN0, SAI0_DAT2, OSPIM_P0_SCK,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More