Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757VMT7 Fiches technique(PDF) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Fiches technique(HTML) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 151 page
background image
GD32H757xx Datasheet
21
Pre-defined
Regions
Bus
Address
Peripherals
0x4000 4C00 - 0x4000 4FFF
UART3
0x4000 4800 - 0x4000 4BFF
USART2
0x4000 4400 - 0x4000 47FF
USART1
0x4000 4000 - 0x4000 43FF
RSPDIF
0x4000 3C00 - 0x4000 3FFF
SPI2/I2S2
0x4000 3800 - 0x4000 3BFF
SPI1/I2S1
0x4000 3400 - 0x4000 37FF
Reserved
0x4000 3000 - 0x4000 33FF
Reserved
0x4000 2C00 - 0x4000 2FFF
Reserved
0x4000 2800 - 0x4000 2BFF
Reserved
0x4000 2400 - 0x4000 27FF
Reserved
0x4000 2000 - 0x4000 23FF
Reserved
0x4000 1C00 - 0x4000 1FFF
Reserved
0x4000 1800 - 0x4000 1BFF
Reserved
0x4000 1400 - 0x4000 17FF
TIMER6
0x4000 1000 - 0x4000 13FF
TIMER5
0x4000 0C00 - 0x4000 0FFF
TIMER4
0x4000 0800 - 0x4000 0BFF
TIMER3
0x4000 0400 - 0x4000 07FF
TIMER2
0x4000 0000 - 0x4000 03FF
TIMER1
SRAM
0x3880 1000 - 0x3FFF FFFF
Reserved
0x3880 0000 - 0x3880 0FFF
Backup SRAM
0x3000 8000 - 0x387F FFFF
Reserved
0x3000 4000 - 0x3000 7FFF
SRAM1(16KB)
0x3000 0000 - 0x3000 3FFF
SRAM0(16KB)
0x2410 0000 - 0x2FFF FFFF
Reserved
0x2408 0000 - 0x240F FFFF
RAM(512KB) shared
(ITCM/DTCM/AXI)
0x2400 0000 - 0x2407 FFFF
AXI SRAM(512KB)
0x2008 0000 - 0x23FF FFFF
Reserved
0x2007 0000 - 0x2007 FFFF
DTCM RAM(from RAM shared)
0x2006 0000 - 0x2006 FFFF
0x2003 0000 - 0x2005 FFFF
0x2002 0000 - 0x2002 FFFF
0x2001 C000 - 0x2001 FFFF
0x2001 8000 - 0x2001 BFFF
0x2001 0000 - 0x2001 7FFF
0x2000 D000 - 0x2000 FFFF
0x2000 C000 - 0x2000 CFFF
0x2000 8000 - 0x2000 BFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More