| Moteur de recherche de fiches techniques de composants électroniques |
|
GD32H757VMT7 Fiches technique(PDF) 142 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD32H757VMT7 Fiches technique(HTML) 142 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
142 / 151 page ![]() GD32H757xx Datasheet 141 5.2. BGA100 package outline dimensions Figure 5-3. BGA100 package outline Table 5-2. BGA100 package dimensions Symbol Min Typ Max A 0.98 1.04 1.10 A1 0.25 0.30 0.35 A2 0.69 0.74 0.79 A3 — 0.53 — b 0.35 0.40 0.45 c 0.18 0.21 0.24 D 7.90 8.00 8.10 D1 — 7.20 — E 7.90 8.00 8.10 E1 — 7.20 — e — 0.80 — L — 0.20 — aaa — 0.15 — ccc — 0.11 — ddd — 0.10 — eee — 0.15 — fff — 0.08 — (Original dimensions are in millimeters) aaa A A D LASER MARK PIN 1 I.D. B aaa B E PIN 1 CORNER DETAIL A A ccc C C SEATING PLANE TOP VIEW BOTTOM VIEW SIDE VIEW DETAIL A(2:1) D1 e eee C A B fff C L L 1 A E1 2 3 4 5 6 7 8 9 10 B C D E F G H J K 1 2 3 4 5 6 7 8 9 10 A B C D E F G H J K c A3 C SEATING PLANE A2 A1 ddd C 100X PIN 1 CORNER b |