Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4087BBCZ Fiches technique(PDF) 90 Page - Analog Devices

No de pièce AD4087BBCZ
Description  14-Bit, 20 MSPS, Low Noise, Low Power SAR ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4087BBCZ Fiches technique(HTML) 90 Page - Analog Devices

Back Button AD4087BBCZ Datasheet HTML 84Page - Analog Devices AD4087BBCZ Datasheet HTML 85Page - Analog Devices AD4087BBCZ Datasheet HTML 86Page - Analog Devices AD4087BBCZ Datasheet HTML 87Page - Analog Devices AD4087BBCZ Datasheet HTML 88Page - Analog Devices AD4087BBCZ Datasheet HTML 89Page - Analog Devices AD4087BBCZ Datasheet HTML 90Page - Analog Devices AD4087BBCZ Datasheet HTML 91Page - Analog Devices AD4087BBCZ Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
Data Sheet
AD4087
CONFIGURATION REGISTERS
analog.com
Rev. 0 | 90 of 92
Gain Correction Register
Address: 0x27 and Address: 0x28, Reset: 0x0200, Name: GAIN
Figure 138. Gain Correction Register
Table 61. Bit Descriptions for GAIN
Bits
Bit Name
Description
Reset
Access
[15:10]
RESERVED
Reserved. Write 0b000000 to these bits.
0x0
R
[9:0]
GAIN
Gain Correction Coefficient. .
0x200
R/W
GAIN = 0x3FF results in an overall system gain of 1.0 + 0.015594.
GAIN = 0x200 disables the gain correction function and allows for lower latency operation.
GAIN = 0x001 results in an overall system gain of 1.0 − 0.015594.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92