Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4087BBCZ Fiches technique(PDF) 85 Page - Analog Devices

No de pièce AD4087BBCZ
Description  14-Bit, 20 MSPS, Low Noise, Low Power SAR ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4087BBCZ Fiches technique(HTML) 85 Page - Analog Devices

Back Button AD4087BBCZ Datasheet HTML 81Page - Analog Devices AD4087BBCZ Datasheet HTML 82Page - Analog Devices AD4087BBCZ Datasheet HTML 83Page - Analog Devices AD4087BBCZ Datasheet HTML 84Page - Analog Devices AD4087BBCZ Datasheet HTML 85Page - Analog Devices AD4087BBCZ Datasheet HTML 86Page - Analog Devices AD4087BBCZ Datasheet HTML 87Page - Analog Devices AD4087BBCZ Datasheet HTML 88Page - Analog Devices AD4087BBCZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
Data Sheet
AD4087
CONFIGURATION REGISTERS
analog.com
Rev. 0 | 85 of 92
GPIO Configuration B Register
Address: 0x1A, Reset: 0x00, Name: GPIO_CONFIG_B
Figure 130. GPIO Configuration B Register
Table 53. Bit Descriptions for GPIO_CONFIG_B
Bits
Bit Name
Description
Reset
Access
[7:4]
GPIO_1_SEL
GPIO 1 Write Select.
0x0
R/W
0000: Configuration SPI SDO Data.
0001: FIFO Full Flag.
0010: FIFO Read Done Flag.
0011: Filter Result Ready (Active Low).
0100: High Threshold Detect.
0101: Low Threshold Detect.
0110: Status Alert (Active Low).
0111: GPIO Data.
1000: Filter Synchronization Input (Active Low).
1001: External Event Trigger Input for FIFO.
1010: Do not use this setting.
[3:0]
GPIO_0_SEL
GPIO 0 Write Select.
0x0
R/W
0000: Configuration SPI SDO Data.
0001: FIFO Full Flag.
0010: FIFO Read Done Flag.
0011: Filter Result Ready (Active Low).
0100: High Threshold Detect.
0101: Low Threshold Detect.
0110: Status Alert (Active Low).
0111: GPIO Data.
1000: Filter Synchronization Input (Active Low).
1001: External Event Trigger Input for FIFO.
1010: Do not use this setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92