| Moteur de recherche de fiches techniques de composants électroniques |
|
HV232 Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV232 Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 22 page ![]() 2024-2026 Microchip Technology Inc. and its subsidiaries DS20005820B-page 17 HV232 28X b CH3 x 45° E2 0.177 C A–B 12 N TOP VIEW SIDE VIEW VIEW A-A NOTE 1 Microchip Technology Drawing C04-026-L4X Rev D Sheet 1 of 2 D E A A3 28X b1 For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 28-Lead Plastic Leaded Chip Carrier (L4X) - Square [PLCC] © 2023 Microchip Technology Inc. D1 E1 CH1 x 45° 3X CH2 x 45° A2 A1 e D A A |