| Moteur de recherche de fiches techniques de composants électroniques |
|
HV232 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV232 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 22 page ![]() 2024-2026 Microchip Technology Inc. DS20005820B-page 21 HV232 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office . Examples: a) HV232FG-G: 8-Channel, Low-Charge-Injection, High-Voltage Analog Switch with Bleed Resistors, 48-lead LQFP, 250/Tray b) HV232PJ-G: 8-Channel, Low-Charge-Injection, High-Voltage Analog Switch with Bleed Resistors, 28-lead PLCC, 38/Tube PART NO. Device Device: HV232 = 8-Channel, Low-Charge-Injection, High- Voltage Analog Switch with Bleed Resistors Packages: FG = 48-lead LQFP PJ = 28-lead PLCC Environmental: G = Lead (Pb)-free/RoHS-compliant Package Media Types: (blank) = 250/Tray for an FG Package (blank) = 38/Tube for a PJ Package XX Package - X - X Environmental Media Type Options |