Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6996 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 18Page - STMicroelectronics L6996 Datasheet HTML 19Page - STMicroelectronics L6996 Datasheet HTML 20Page - STMicroelectronics L6996 Datasheet HTML 21Page - STMicroelectronics L6996 Datasheet HTML 22Page - STMicroelectronics L6996 Datasheet HTML 23Page - STMicroelectronics L6996 Datasheet HTML 24Page - STMicroelectronics L6996 Datasheet HTML 25Page - STMicroelectronics L6996 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
L6996
24/26
dissipate high power (for switching losses or conduction losses).
POWER DIODES
This component must have low forward voltage and must have high reverse voltage (at least equal at the input
voltage).
Part name
Value
Part number
Manufacturer
Notes
D2
STPS2L25U
STPS2L25U
STMICROELECTRONICS
25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26