Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WILCS02PE Fiches technique(PDF) 68 Page - Microchip Technology

No de pièce WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Fiches technique(HTML) 68 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 63Page - Microchip Technology WILCS02PE Datasheet HTML 64Page - Microchip Technology WILCS02PE Datasheet HTML 65Page - Microchip Technology WILCS02PE Datasheet HTML 66Page - Microchip Technology WILCS02PE Datasheet HTML 67Page - Microchip Technology WILCS02PE Datasheet HTML 68Page - Microchip Technology WILCS02PE Datasheet HTML 69Page - Microchip Technology WILCS02PE Datasheet HTML 70Page - Microchip Technology WILCS02PE Datasheet HTML 71Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
WILCS02IC and WILCS02 Family
Appendix B: Acronyms and Abbreviations
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 68
Table 6-1. Acronyms and Abbreviations (continued)
Acronyms and Abbreviations
Description
PMF
Protected Management Frame
PMU
Power Management Unit
POR
Power-on Reset
POSC
Primary Oscillator
PRIO
Priority
PTA
Packet Traffic Arbitration
REACH
Registration, Evaluation, Authorisation and restriction of
Chemicals.
RF
Radio Frequency
RoHS
Restriction of Hazardous Substances in Electrical and
Electronic Equipment
RP
Reverse Polarity
RSSI
Receive Signal Strength Indication
RTC
Real Time Counter
RTCC
Real Time Clock Calendar
RX
Receive
SDIO
Secure Digital Input Output
SMA
SubMiniature version A Connector
SMD
Surface Mount Device
SPI
Serial Peripheral Interface
SRAM
Static Random Access Memory
STM
Standard Test Method
TDES
Triple Data Encryption Standard
TP
Test Point
TPC
Transmit Power Control
TX
Transmit
UART
Universal Asynchronous Receiver/Transmitter
VQFN
Very Thin Quad Flat No-lead
WLAN
Wireless Local Area Network
WPA
Wi-Fi Protected Access
XDS
Extreme Deep Sleep
XOSC
Crystal Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71