Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WILCS02PE Fiches technique(PDF) 56 Page - Microchip Technology

No de pièce WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Fiches technique(HTML) 56 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 52Page - Microchip Technology WILCS02PE Datasheet HTML 53Page - Microchip Technology WILCS02PE Datasheet HTML 54Page - Microchip Technology WILCS02PE Datasheet HTML 55Page - Microchip Technology WILCS02PE Datasheet HTML 56Page - Microchip Technology WILCS02PE Datasheet HTML 57Page - Microchip Technology WILCS02PE Datasheet HTML 58Page - Microchip Technology WILCS02PE Datasheet HTML 59Page - Microchip Technology WILCS02PE Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
WILCS02IC and WILCS02 Family
Packaging Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 56
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
28-Lead PCB Module (TEC) - 14.73x21.72x2.1 mm Body [MODULE]
With Metal Shield and Coaxial Connector
© 2024 Microchip Technology Inc.
Sheet 1 of 2
Microchip Technology Drawing C04-21567 Rev C
SIDE VIEW
10
11
12
13
14
15
16
17
18
19
21 22 23 24 25 26 27 28
1
2
3
4
5
6
7
8
9
E
E2
E1
D
D1
1.64
METAL
SHIELD
COAXIAL
CONNECTOR
A2
A
A3
0.65
0.80
5.95
28X 0.60
28X 0.80
Ø2.7
O.D.
Ø1.7
I.D.
0.80
0.80
9X 0.90
1.30
9X
0.90
1.30
5.992
5.06
6.95
5.82
1.91
8.86
0.20
6.88
6.27
1.016
20
10
11
12
13
14
15
16
17
18
19
21 22 23 24 25 26 27 28
1
2
3
4
5
6
7
8
9
20
THERMAL
RELIEF
HOLES 10X
Ø 0.80 10X
A4
C
SEATING
PLANE
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71