Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

201 Fiches technique(PDF) 14 Page - Arm Limited (or its affiliates).

No de pièce 201
Description  User-Based Licensing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARM [Arm Limited (or its affiliates).]
Site Internet  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

201 Fiches technique(HTML) 14 Page - Arm Limited (or its affiliates).

Back Button 201 Datasheet HTML 10Page - Arm Limited (or its affiliates). 201 Datasheet HTML 11Page - Arm Limited (or its affiliates). 201 Datasheet HTML 12Page - Arm Limited (or its affiliates). 201 Datasheet HTML 13Page - Arm Limited (or its affiliates). 201 Datasheet HTML 14Page - Arm Limited (or its affiliates). 201 Datasheet HTML 15Page - Arm Limited (or its affiliates). 201 Datasheet HTML 16Page - Arm Limited (or its affiliates). 201 Datasheet HTML 17Page - Arm Limited (or its affiliates). 201 Datasheet HTML 18Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
User-Based Licensing User Guide
Document ID: 102516_1.1_00_en
Version 1.1
Using user-based licensing
3.3 Activate your product if your device is offline
Your device may not be able to access the networks required for activation using an activation code
or license key. In this case, you can use this process to activate an offline device using an activation
code.
Before you begin
• Install your Arm product.
• For each end-user and service account, Arm or your license administrator provides you with an
activation code. An activation code is a sequence of letters and digits that have the following
pattern, where X represents any letter or digit:
XXXXXXXX-XXXX-XXXX-XXXX-XXXXXXXXXXXX
An activation code is not associated with any user or service account until its first use in the
product activation process.
About this task
• You can activate a product on multiple devices with the same activation code using the same
username.
• Sharing the same username for more than one user is not permitted by your license agreement.
For details of network requirements see Network requirements for user-based licensing.
Procedure
1. From another device that does meet the network requirements, generate a transfer file using
the following command to create a file to transfer the license information:
armlm activate --code <activation_code> --as-user <user_name> --to-file
<transfer_filename>
Where:
• <user_name> is the name of the user that will use the Arm product on the offline device
• <transfer_filename> is any file name for the transfer file
2. Move the generated transfer file to the target device.
3. Activate the product using the following command:
armlm import --file <transfer_filename>
Next steps
You must repeat this process every 30 days, otherwise the product ceases to function.
Copyright © 2022 Arm Limited (or its affiliates). All rights reserved.
Non-Confidential
Page
14 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19