Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

201 Fiches technique(PDF) 6 Page - Arm Limited (or its affiliates).

No de pièce 201
Description  User-Based Licensing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARM [Arm Limited (or its affiliates).]
Site Internet  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

201 Fiches technique(HTML) 6 Page - Arm Limited (or its affiliates).

Back Button 201 Datasheet HTML 2Page - Arm Limited (or its affiliates). 201 Datasheet HTML 3Page - Arm Limited (or its affiliates). 201 Datasheet HTML 4Page - Arm Limited (or its affiliates). 201 Datasheet HTML 5Page - Arm Limited (or its affiliates). 201 Datasheet HTML 6Page - Arm Limited (or its affiliates). 201 Datasheet HTML 7Page - Arm Limited (or its affiliates). 201 Datasheet HTML 8Page - Arm Limited (or its affiliates). 201 Datasheet HTML 9Page - Arm Limited (or its affiliates). 201 Datasheet HTML 10Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
User-Based Licensing User Guide
Document ID: 102516_1.1_00_en
Version 1.1
Introduction
1. Introduction
User-Based Licensing (UBL) binds the entitlement to use Arm software products to the user. This
allows a single user license to be used for the same product on multiple devices.
1.1 Conventions
The following subsections describe conventions used in Arm documents.
Glossary
The Arm Glossary is a list of terms used in Arm documentation, together with definitions for
those terms. The Arm Glossary does not contain terms that are industry standard unless the Arm
meaning differs from the generally accepted meaning.
See the Arm® Glossary for more information: developer.arm.com/glossary.
Typographic conventions
Arm documentation uses typographical conventions to convey specific meaning.
Convention
Use
italic
Citations.
bold
Interface elements, such as menu names.
Signal names.
Terms in descriptive lists, where appropriate.
monospace
Text that you can enter at the keyboard, such as commands, file and program names, and source code.
monospace bold
Language keywords when used outside example code.
monospace underline
A permitted abbreviation for a command or option. You can enter the underlined text instead of the full
command or option name.
<and>
Encloses replaceable terms for assembler syntax where they appear in code or code fragments.
For example:
MRC p15, 0, <Rd>, <CRn>, <CRm>, <Opcode_2>
SMALL CAPITALS
Terms that have specific technical meanings as defined in the Arm® Glossary. For example,
IMPLEMENTATION DEFINED
, IMPLEMENTATION SPECIFIC, UNKNOWN, and UNPREDICTABLE.
Recommendations. Not following these recommendations might lead to system failure or damage.
Requirements for the system. Not following these requirements might result in system failure or damage.
Copyright © 2022 Arm Limited (or its affiliates). All rights reserved.
Non-Confidential
Page
6 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19