| Moteur de recherche de fiches techniques de composants électroniques |
|
L6452 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6452 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() A/B ON/OFF DA4 DA3 DA2 DA1 DA0 S2 S1 S0 D/A INPUTS FOR OFFSET COMPENSATION D97IN534A CR9 CR8 CR7 CR6 CR5 CR4 CR3 CR2 CR1 CR0 CHANNEL SELECTION A/D INPUT SHIFT DIRECTION SELECTION OF RESISTOR A (A/B = 0) or B (A/B = 0) for TEMPERATURE MEASUREMENT SWITCHES THE CURRENT SOURCE ON or OFF; LINKED WITH ONENABLE INPUT PIN ON/OFF ONENABLE ACTION 0 1 0 1 1 1 0 0 OFF OFF OFF ON S2 SELECTED CHANNEL CH0 BUF 0 0 0 0 0 (INTERNAL) 1 (EXTERNAL) 2 (EXTERNAL) 3 (EXTERNAL) A B B B ONE INTERNAL CHANNEL (VX MEASUREMENT) FIVE UNCOMMITTED, GENRAL-PURPOSE EXTERNAL CHANNELS S1 0 0 1 1 S0 0 1 0 1 1 1 0 0 0 1 4 (EXTERNAL) 5 (EXTERNAL) B B C D DA0 = LSB DA4 = MSB POSITIVE LOGIC 110 6 111 7 Figure 5. Control Register details. tlconv tlhigh tls CONVSTART CRLATCH CRCLOCK CRDATA D97IN535 DA0 S2 S1 S0 Figure 6. CR Latch Timings tcsx tcscks ADCK ADDATA D97IN536 65 4 2 7 3 1 0 HIGH IMPEDANCE CONVSTART HIGH IMPEDANCE tcsckh tckout Figure 7. A/D Converter Timings L6452 11/16 |