| Moteur de recherche de fiches techniques de composants électroniques |
|
L6452 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6452 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 16 page ![]() Enable internal counter = 1 Up Counting = 0 Reset Counter = 1 Clock Counter C3 C2 C1 C0 00 00 0 10 00 10 10 11 10 11 11 11 01 11 00 01 00 01 01 01 11 01 10 00 10 00 11 00 01 00 00 DECODER TRUTH TABLE OUTPUTS (HS) ACTIVE C3 C2 C1 C0 All inactive 0 0 0 0 10 00 1 20 01 1 30 01 0 40 11 0 50 11 1 60 10 1 70 10 0 81 10 0 91 10 1 10 11 11 11 11 10 12 10 10 13 10 00 All inactive 1 0 0 1 All inactive 1 0 1 1 This table is valid for both Channel A and Channel B and when Enable Channel is set to low level. COUNTER TRUTH TABLE (continued) L6452 9/16 |