| Moteur de recherche de fiches techniques de composants électroniques |
|
LEBJJS Fiches technique(PDF) 6 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
LEBJJS Fiches technique(HTML) 6 Page - Littelfuse |
|
6 / 6 page ![]() Littelfuse.com @ 2025 Littelfuse, Inc. Rev: 291025 6 of 6 POWR-GARD® Blocks and Holders IN-LINE WATERTIGHT FUSE HOLDERS Two-Pole Breakaway Holder Recommended Fuses Class CC Series: CCMR, KLDR, KLKR Midget Series: BLF, BLN, FLM, FLQ, KLK, KLKD Four WPB3 insulating boots come standard with the LEXT-YY-S and LEX-YY-C-S fuse holders. Molded from non-conductive engineering grade thermoplastic to deliver a watertight seal in corrosive environments, they can be trimmed to the specific conductor size insuring a snug fit. 4 9/16" ( ASSEMBLED LENGTH ) 11 1/4" ( ASSEMBLED LENGTH ) 5 1/8" ( ASSEMBLED LENGTH ) 4 9/16" ( ASSEMBLED LENGTH ) 11 1/4" ( ASSEMBLED LENGTH ) 5 1/8" ( ASSEMBLED LENGTH ) PERMANENT NEUTRAL SLUG 4 9/16" ( ASSEMBLED LENGTH ) 11 1/4" ( ASSEMBLED LENGTH ) 5 1/8" ( ASSEMBLED LENGTH ) 4 9/16" ( ASSEMBLED LENGTH ) 11 1/4" ( ASSEMBLED LENGTH ) 5 1/8" ( ASSEMBLED LENGTH ) PERMANENT NEUTRAL SLUG LEXT-YY-S LEX-YY-C-S Dimensions Inches Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer. |