| Moteur de recherche de fiches techniques de composants électroniques |
|
LEBJJS Fiches technique(PDF) 4 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
LEBJJS Fiches technique(HTML) 4 Page - Littelfuse |
|
4 / 6 page ![]() Littelfuse.com @ 2025 Littelfuse, Inc. Rev: 291025 4 of 6 POWR-GARD® Blocks and Holders IN-LINE WATERTIGHT FUSE HOLDERS Terminal Selection TERMINAL DESIGNATION TERMINAL DESCRIPTION WIRES PER TERMINAL WIRE RANGE (CU ONLY) SOLID WIRE STRANDED WIRE RECOMMENDED CRIMP TOOL T&B BURNDY A Copper Crimp 1 #12-#8 • • WT161M — 2 #12 • • B Copper Crimp 2 #10 • • WT161M MR4C 1 #6 • • 1 #4 — • C Copper Crimp 2 #8 • • M5-GREY Hypress Y34A 1 #4 — • D Copper Crimp 2 #6 • • M5-BROWN Hypress Y34A 1 #2 — • J Copper Set-Screw 1 #12-#8 • — — — 1 #10-#2 — • Y (2 terminals) “Y” Style Copper Set-Screw 1 #12-#8 • — — — 1 #10-#2 — • Ordering Information (Solid Neutral LET Fuse Holder) Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer. SINGLE POLE TERMINAL AND BOOT SELECTION NON BREAKAWAY BREAKAWAY PRODUCT MARKING ORDERING NUMBER PRODUCT MARKING ORDERING NUMBER LOAD SIDE TERMINAL LOAD SIDE BOOT * LINE SIDE TERMINAL LINE SIDE BOOT * LETAA 0LET00AAX LETAAS 0LET0AASX A WPB1 A WPB1 LETAB 0LET00ABX LETABS 0LET0ABSX A WPB1 B WPB1 LETAYC 0LET0AYCX LETAYCS 0LETAYCSX A WPB1 Y WPB3 LETBA 0LET00BAX LETBAS 0LET0BASX B WPB1 A WPB1 LETBB 0LET00BBX LETBBS 0LET0BBSX B WPB1 B WPB1 LETBYC 0LET0BYCX LETBYCS 0LETBYCSX B WPB1 Y WPB3 LETJJ 0LET00JJX LETJJS 0LET0JJSX J WPB1 J WPB1 LETJYC 0LET0JYCX LETJYCS 0LETJYCSX J WPB1 Y WPB3 * Insulating boots come included with breakaway version |