| Moteur de recherche de fiches techniques de composants électroniques |
|
25CS160-H/SN Fiches technique(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25CS160-H/SN Fiches technique(HTML) 38 Page - Microchip Technology |
|
38 / 53 page ![]() 2026 Microchip Technology Inc. and its subsidiaries Preliminary DS20007008B-page 38 25CS160 RECOMMENDED LAND PATTERN Dimension Limits Units Contact Pitch MILLIMETERS 0.65 BSC MIN E MAX Contact Pad Length (X8) Contact Pad Width (X8) Y X 1.45 0.45 NOM C Contact Pad Spacing 4.40 Contact Pad to Contact Pad (X4) G1 2.95 BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M 1. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: E C Contact Pad to Contact Pad (X6) GX 0.20 X Y G1 GX SILK SCREEN 8-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP] Microchip Technology Drawing C04-2111-MS Rev F |