Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25CS160-H/SN Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce 25CS160-H/SN
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/SN Fiches technique(HTML) 35 Page - Microchip Technology

Back Button 25CS160-H/SN Datasheet HTML 31Page - Microchip Technology 25CS160-H/SN Datasheet HTML 32Page - Microchip Technology 25CS160-H/SN Datasheet HTML 33Page - Microchip Technology 25CS160-H/SN Datasheet HTML 34Page - Microchip Technology 25CS160-H/SN Datasheet HTML 35Page - Microchip Technology 25CS160-H/SN Datasheet HTML 36Page - Microchip Technology 25CS160-H/SN Datasheet HTML 37Page - Microchip Technology 25CS160-H/SN Datasheet HTML 38Page - Microchip Technology 25CS160-H/SN Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 35
25CS160
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
*
This package is RoHs compliant. The JEDEC® designator can be found on
the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line, thus limiting the number of available characters for
customer-specific information.
Part Number
1st Line Marking Codes
MSOP
SOIC
SOT-23
TSSOP
UDFN
25CS160
5CS160
25CS160
AAFMY
AAER
AFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53