Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4969MD Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce L4969MD
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969MD Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button L4969MD Datasheet HTML 26Page - STMicroelectronics L4969MD Datasheet HTML 27Page - STMicroelectronics L4969MD Datasheet HTML 28Page - STMicroelectronics L4969MD Datasheet HTML 29Page - STMicroelectronics L4969MD Datasheet HTML 30Page - STMicroelectronics L4969MD Datasheet HTML 31Page - STMicroelectronics L4969MD Datasheet HTML 32Page - STMicroelectronics L4969MD Datasheet HTML 33Page - STMicroelectronics L4969MD Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
L4969
30/35
2.11 ADR 15: SYS System Status Register
Figure 26.
The lower 6 bit of this register can be used to analyze the reason of startup (after NRESET low). This information
is valid until the first Watchdog-Acknowldge, and will then be reinitialized to 000001.
STF
OTF
WNDF
STAT
NCRC
UCF
WAKE
NPOR
D7
D0
CRC-Checking
disabled
Warm start
after failure of
Window watchdog
Reserved
status flag
(test only)
Warm start
after < 7 missing
Ack during Startup
Warm start
after V1
Overtemp failure
Warm start
after 7 missing
Ack during Startup
Warm start
after leaving
prog. Sleep mode
Cold Start
after low VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35