Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4969MD Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce L4969MD
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969MD Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button L4969MD Datasheet HTML 21Page - STMicroelectronics L4969MD Datasheet HTML 22Page - STMicroelectronics L4969MD Datasheet HTML 23Page - STMicroelectronics L4969MD Datasheet HTML 24Page - STMicroelectronics L4969MD Datasheet HTML 25Page - STMicroelectronics L4969MD Datasheet HTML 26Page - STMicroelectronics L4969MD Datasheet HTML 27Page - STMicroelectronics L4969MD Datasheet HTML 28Page - STMicroelectronics L4969MD Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
25/35
L4969
2.5.4 Wakeup Watchdog
Figure 20.
If the Timer is activated during Normal mode by setting WDEN in WDC, an “acknowledge-free” sequence is
started for a predefied programmable time. Window Watchdog activity is resumed after expiry of the timer.
To be able to detect the timeout, the corresponding interrupt enable must be set in GIEN.
This mode can also be used to allow a bootstrap loader mode with longer execution times than the maximum
specified window. Correct startup of this loader is safely detected upon missing response following the timeout.
The timer can always be restarted by rewriting WDEN twice in WDC with a new timing.
Window Wd
Window Wd
Timer (80ms .. 45min)
NINT
Ack Window &
Timeout and resume Window Wd
Interrupt active upon timeout (via GIEN)
Start Timer
restart timer
at any time
writing WDC twice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35