| Moteur de recherche de fiches techniques de composants électroniques |
|
PLB2000A1 Fiches technique(PDF) 13 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
PLB2000A1 Fiches technique(HTML) 13 Page - Positronic. |
|
13 / 72 page ![]() Power Connection Systems Positronic connectpositronic.com 7 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. CUSTOMER SPECIFIED ARRANGEMENTS The design of Power Connection Systems Series connectors allows for the development of application specific contact arrangements in a timely manner and at a reasonable price. Thirteen connector housing sizes exist that may accommodate size 20, size 16, size 12, or size 8 contacts (see the Power Connection Systems catalog for connector housing dimensions). After reviewing the dimensions and the following basic information, contact Technical Sales with your current, voltage, and safety requirements. We look forward to working with you to develop a connector for your specific needs. Contact sizes and termination types may be mixed within a single connector. Four Contact Sizes to Choose From Many Termination Types Can Be Supplied Straight Solder or Press-in Right Angle (90°) Solder Crimp Removable Removable Solder Cup Popular Options Sequential Mating Selective Loading Ø0.142 [3.61] Ø0.094 [2.39] Ø0.0625 [1.588] Ø0.040 [1.00] 0.408 [10.36] A±0.020 [0.51] A±0.020 [0.51] A±0.020 [0.51] A±0.020 [0.51] A±0.020 [0.51] A±0.020 [0.51] 0.606 [15.39] 0.408 [10.36] 0.606 [15.39] 0.802 [20.37] 0.802 [20.37] BASIC CONNECTOR DIMENSIONS Male Connector Dimensions PART NUMBER A PLA03**00A1 PLAH03**00A1 1.126 [28.60] PLA04**00A1 PLAH04**00A1 1.324 [33.63] PLA06**00A1 PLAH06**00A1 1.718 [43.64] PLA08**00A1 PLAH08**00A1 2.112 [53.64] Female Connector Dimensions PART NUMBER A PLB06**00A1 PLBH06**00A1 1.126 [28.60] PLB08**00A1 PLBH08**00A1 1.324 [33.63] PLB12**00A1 PLBH12**00A1 1.718 [43.64] PLB16**00A1 PLBH16**00A1 2.112 [53.64] PLB20**00A1 PLBH20**00A1 2.506 [63.65] PART NUMBER A PLC09**00A1 PLCH09**00A1 1.126 [28.60] PLC12**00A1 PLCH12**00A1 1.324 [33.63] PLC18**00A1 PLCH18**00A1 1.718 [43.64] PLC24**00A1 PLCH24**00A1 2.112 [53.64] PLC30**00A1 PLCH30**00A1 2.506 [63.65] Size 8 contact Size 12 contact Size 16 contact Size 20 contact |