Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLB2000A1 Fiches technique(PDF) 21 Page - Positronic.

No de pièce PLB2000A1
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POSITRONIC [Positronic.]
Site Internet  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB2000A1 Fiches technique(HTML) 21 Page - Positronic.

Back Button PLB2000A1 Datasheet HTML 17Page - Positronic. PLB2000A1 Datasheet HTML 18Page - Positronic. PLB2000A1 Datasheet HTML 19Page - Positronic. PLB2000A1 Datasheet HTML 20Page - Positronic. PLB2000A1 Datasheet HTML 21Page - Positronic. PLB2000A1 Datasheet HTML 22Page - Positronic. PLB2000A1 Datasheet HTML 23Page - Positronic. PLB2000A1 Datasheet HTML 24Page - Positronic. PLB2000A1 Datasheet HTML 25Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
15
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
0.737±0.002
[18.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.474±0.005
[37.44±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
0.934±0.002
[23.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.868±0.005
[47.45±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
0.540±0.002
[13.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.080±0.005
[27.43±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
0.441±0.002
[11.20±0.05]
0.197±0.002
[5.00±0.05]
TYP.
0.882±0.005
[22.40±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
1.131±0.002
[28.73±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
2.262±0.005
[57.45±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
PLC 30
PLC 18
PLC 24
PLC 09
PLC 12
STRAIGHT SOLDER AND COMPLIANT
CONTACT HOLE PATTERN
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.080 [2.03] Ø holes in printed board for solder contact
termination positions.
Suggest 0.100 [2.54] Ø holes in printed board when mounting
connectors with # 2 thread forming screws.
Suggest 0.123±0.003 [3.15±0.08] Ø holes in printed board when
mounting connector with push-on fasteners.
NOTE: See page 57 for suggested printed board drill hole sizes,
recommended plating and finished hole sizes for compliant contact
termination positions.
Connectors Designed To Customer Specifications
Positronic’s PLA(H), PLB(H), PLC(H) and PLS(H) series
connectors can be modified to customers specifications.
Examples: select loading of contacts for cost savings or to gain creepage and
clearance distances; longer printed circuit board terminations; customer specified hardware.
Positronic can develop and tool new connector designs
with reasonable price and delivery.
Contact Technical Sales with your particular requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72