Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCAN-USB Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce PCAN-USB
Description  Battery Management System (BMS) with MPC5775B-EVB and RD33771CDSTEVB
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAN-USB Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button PCAN-USB Datasheet HTML 5Page - NXP Semiconductors PCAN-USB Datasheet HTML 6Page - NXP Semiconductors PCAN-USB Datasheet HTML 7Page - NXP Semiconductors PCAN-USB Datasheet HTML 8Page - NXP Semiconductors PCAN-USB Datasheet HTML 9Page - NXP Semiconductors PCAN-USB Datasheet HTML 10Page - NXP Semiconductors PCAN-USB Datasheet HTML 11Page - NXP Semiconductors PCAN-USB Datasheet HTML 12Page - NXP Semiconductors PCAN-USB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
www.nxp.com
STEP-BY-STEP INSTRUCTIONS FOR BMS DEMO SETUP CONTINUED
J78
CAN0
header
6
7
7 Connect the CAN with
PCAN tool
Connect the CAN_H and CAN_L signals
of J78 of MPC5775B-EVB to PCAN USB
CAN_H (pin 7) and CAN-L (pin 2) via two
jumper cables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18