| Moteur de recherche de fiches techniques de composants électroniques |
|
PCAN-USB Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCAN-USB Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 18 page ![]() 3 www.nxp.com REQUIRED SOFTWARE FOR THE BMS DEMO Item Description Weblink S32 Design Studio IDE NXP S32 Design Studio IDE for PowerPC V2.1 NXP link MPC5775B-BatterySystem SDK S32DS based Jump start demo software for the MPC5775B-EVB using SDK 3.0.0 with FreeRTOS NXP link MPC5775B-BatterySystem GUI Graphic User Interface software to monitor battery status via CAN interface. NXP link Python 3.7 64-bit with PyQt5 and NumPy Install the Python 64-bit version, then install the PyQt5 and NumPy packages Python link 1 Download Software Download installation software and documentation under “Jump Start Your Design” at nxp.com/MPC5775B-BatterySystem |