Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L293B Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce L293B
Description  PUSH-PULL FOUR CHANNEL DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L293B Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button L293B Datasheet HTML 4Page - STMicroelectronics L293B Datasheet HTML 5Page - STMicroelectronics L293B Datasheet HTML 6Page - STMicroelectronics L293B Datasheet HTML 7Page - STMicroelectronics L293B Datasheet HTML 8Page - STMicroelectronics L293B Datasheet HTML 9Page - STMicroelectronics L293B Datasheet HTML 10Page - STMicroelectronics L293B Datasheet HTML 11Page - STMicroelectronics L293B Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
20
11
110
B
e
D
Z
b
Z
e3
b1
E
POWERDIP (16+2+2) PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.85
1.4
0.033
0.055
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
24.8
0.976
E
8.8
0.346
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
L293B - L293E
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12