Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L293B Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce L293B
Description  PUSH-PULL FOUR CHANNEL DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L293B Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button L293B Datasheet HTML 4Page - STMicroelectronics L293B Datasheet HTML 5Page - STMicroelectronics L293B Datasheet HTML 6Page - STMicroelectronics L293B Datasheet HTML 7Page - STMicroelectronics L293B Datasheet HTML 8Page - STMicroelectronics L293B Datasheet HTML 9Page - STMicroelectronics L293B Datasheet HTML 10Page - STMicroelectronics L293B Datasheet HTML 11Page - STMicroelectronics L293B Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOUNTING INSTRUCTIONS
The Rth j-amb of the L293B and the L293E can be re-
duced by soldering the GND pins to a suitable cop-
per area of the printed circuit board as shown in fig-
ure 12 or to an external heatsink (figure 13).
During soldering the pins temperature must not ex-
ceed 260
oC and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
Figure12:Example of P.C. Board Copper
Area which is Used as Heatsink
Figure 13 :External Heatsink Mounting Ex-
ample (Rth = 30
oC/W)
L293B - L293E
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12