Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90609EEA-R2 Fiches technique(PDF) 2 Page - Melexis Microelectronic Systems

No de pièce MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Fiches technique(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90609EEA-R2 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 2 of 22
Data Sheet
Rev 008
February/08
Table of Contents
1. Maximum Ratings ............................................................................................................ 3
2. Pin Definitions and Descriptions ...................................................................................... 4
3. MLX90609 General Electrical Specifications ................................................................... 5
4. MLX90609 Sensor Specific Specifications....................................................................... 6
5. Detailed Description......................................................................................................... 8
5.1 The Working Principle ................................................................................................. 8
5.2 Communication with the MLX90609 through the SPI.................................................. 9
5.3 Usage of the ADC ..................................................................................................... 12
5.3.1 ADC Instructions and Answers ........................................................................... 13
•
The Refusal Answer...................................................................................... 13
•
Command of the Status Reading (STATR) ................................................... 13
•
Command of the ADC Control (ADCC) ......................................................... 13
•
Command of the ADC Reading (ADCR) ....................................................... 13
5.3.2 Reading the Digital Angular Rate or Temperature (suggested procedure) ......... 14
6. Applications Examples ................................................................................................... 15
7. Standard Information Regarding Manufacturability of Melexis Products with Different
Soldering Processes .......................................................................................................... 18
8. ESD Precautions............................................................................................................ 18
9. Package Information ...................................................................................................... 19
10. Glossary of Terms........................................................................................................ 20
11. Disclaimer .................................................................................................................... 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22