Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90609EEA-R2 Fiches technique(PDF) 16 Page - Melexis Microelectronic Systems

No de pièce MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Fiches technique(HTML) 16 Page - Melexis Microelectronic Systems

Back Button MLX90609EEA-R2 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 20Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 16 of 22
Data Sheet
Rev 008
February/08
Figure 6-2. MLX90609 with
analog output only
If only an analog output signal is required, the MLX90609 doesn’t need to communicate through the
SPI pins. All other pins continue to be used as described above.
Figure 6-3. MLX90609 with
digital output only
If only a digital output signal is required the MLX90609 uses the SPI to send the temperature and
the angular rate in a digital format. The operation mode only through the SPI allows a reduction of
cost and complexity in the interfacing to system microcontroller or microprocessor. All the pins in
the above schematics continue to be used as described above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22