Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LLCC68 Fiches technique(PDF) 46 Page - Semtech Corporation

No de pièce LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Fiches technique(HTML) 46 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
46 of 111
Semtech
LLCC68
www.semtech.com
7. Data Buffer
The transceiver is equipped with a 256-byte RAM data buffer which is accessible in all modes except sleep mode. This RAM area is fully
customizable by the user and allows access to either data for transmission or from the last packet reception.
7.1 Principle of Operation
Figure 7-1: Data Buffer Diagram
The data buffer can be configured to store both transmit and receive payloads.
TRANSCEIVER
USER
0xFF
WriteBuffer()
GetRxBufferStatus()
0x00
Data buffer
Capacity = 256 bytes
Transmitted
Payload
Received
Payload
RxStartBufferPointer
TxBufferPointer
txBaseAddress + txPayloadLength
SetBufferBaseAddress()
rxBaseAddress + rxPayloadLength
SetBufferBaseAddress()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More