Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMSB300 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce IMSB300
Description  TCPlink Development System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSB300 Fiches technique(HTML) 4 Page - STMicroelectronics

  IMSB300 Datasheet HTML 1Page - STMicroelectronics IMSB300 Datasheet HTML 2Page - STMicroelectronics IMSB300 Datasheet HTML 3Page - STMicroelectronics IMSB300 Datasheet HTML 4Page - STMicroelectronics IMSB300 Datasheet HTML 5Page - STMicroelectronics IMSB300 Datasheet HTML 6Page - STMicroelectronics IMSB300 Datasheet HTML 7Page - STMicroelectronics IMSB300 Datasheet HTML 8Page - STMicroelectronics IMSB300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
IMS B300
back panel
ST20450 Development
Boards
Figure 3
Connection of four IMS B300 differential cables to ST20450 Development Boards
3.2
Using single ended connections via the IMS CA16 cables
A single-ended connection cable of type IMS CA16 can be used to connect the 26 way differential link connector to a
standard single ended OS-Link connector. The compact ‘D’ type connector mates with one of the subsystem connectors
at the rear of the IMS B300. The other end terminates in three miniature M50 edge connector plugs polarised to match
standard link and subsystem cable conventions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12