| Moteur de recherche de fiches techniques de composants électroniques |
|
IMSB300 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IMSB300 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 12 page ![]() IMS B300 Ethernet connection system datasheet 9/12 7.1.1 Ethernet connector 12345678 9 10 11 12131415 Figure 7 Ethernet connector (viewed from rear panel) Pin Signal Pin Signal 1 Logic Ref 9 Collision- 2 Collision+ 10 Transmit- 3 Transmit+ 11 Logic Ref 4 Logic Ref 12 Receive- 5 Receive+ 13 Power 6 Power return 14 Logic Ref 7 N/C 15 N/C 8 Logic Ref Table 3 Ethernet connector pinout 7.1.2 Serial connector 12345 6789 Figure 8 Serial connector (viewed from rear panel) Pin Signal Pin Signal 1 N/C 6 N/C 2 Rx data 7 RTS 3 Tx data 8 N/C 4 DTR 9 N/C 5 Ground Table 4 Serial connector pinout 8 Cables An IMS CA16 single ended link cable is supplied with the IMS B300. However, the use of a differential link cable (IMS CA15) is recommended for use in electrically noisy environments. |