Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2SXABC Fiches technique(PDF) 82 Page - Texas Instruments

No de pièce TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Fiches technique(HTML) 82 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 78Page - Texas Instruments TDA2SXABC Datasheet HTML 79Page - Texas Instruments TDA2SXABC Datasheet HTML 80Page - Texas Instruments TDA2SXABC Datasheet HTML 81Page - Texas Instruments TDA2SXABC Datasheet HTML 82Page - Texas Instruments TDA2SXABC Datasheet HTML 83Page - Texas Instruments TDA2SXABC Datasheet HTML 84Page - Texas Instruments TDA2SXABC Datasheet HTML 85Page - Texas Instruments TDA2SXABC Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
82
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
AE20
ddr1_odt0
N22
ddr2_vref0
E28
ddr2_d7
F25
ddr2_d2
AF11
usb2_dm
R24
ddr2_rst
AD15
xo_osc0
R27
ddr2_a3
AE22
ddr1_a9
Y18
ddr1_vref0
AC13
xo_osc1
F28
ddr2_dqm0
J23
ddr2_d21
P26
ddr2_a11
M28
ddr2_dqs3
AD12
usb1_dp
Y22
ddr1_d25
T23
ddr2_rasn
AH17
hdmi1_data0y
N27
ddr2_a9
P23
ddr2_a4
AG26
ddr1_d2
AH25
ddr1_dqs0
AG12
pcie_txn1
AF18
ddr1_a13
K21
ddr2_d18
AC28
ddr1_d19
V28
ddr1_dqsn_ec
c
P27
ddr2_a8
AC23
ddr1_d8
F22
porz
L25
ddr2_d26
AG16
hdmi1_clockx
R28
ddr2_a2
AA26
ddr1_d29
AD25
ddr1_d15
0x1400
CTRL_CORE_PAD_
GPMC_AD0
M6
gpmc_ad0
vin3a_d0
vout3_d0
gpio1_6
sysboot0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More