Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2SXABC Fiches technique(PDF) 18 Page - Texas Instruments

No de pièce TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Fiches technique(HTML) 18 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 14Page - Texas Instruments TDA2SXABC Datasheet HTML 15Page - Texas Instruments TDA2SXABC Datasheet HTML 16Page - Texas Instruments TDA2SXABC Datasheet HTML 17Page - Texas Instruments TDA2SXABC Datasheet HTML 18Page - Texas Instruments TDA2SXABC Datasheet HTML 19Page - Texas Instruments TDA2SXABC Datasheet HTML 20Page - Texas Instruments TDA2SXABC Datasheet HTML 21Page - Texas Instruments TDA2SXABC Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
18
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
T22
ddr2_a13
ddr2_a13
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
R22
ddr2_a14
ddr2_a14
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
U22
ddr2_a15
ddr2_a15
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
U23
ddr2_ba0
ddr2_ba0
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
U27
ddr2_ba1
ddr2_ba1
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
U26
ddr2_ba2
ddr2_ba2
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
U28
ddr2_casn
ddr2_casn
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
T28
ddr2_ck
ddr2_ck
0
O
PD
drive clk
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
U24
ddr2_cke
ddr2_cke
0
O
PD
drive 0
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
P24
ddr2_csn0
ddr2_csn0
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
E26
ddr2_d0
ddr2_d0
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
G25
ddr2_d1
ddr2_d1
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
F25
ddr2_d2
ddr2_d2
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
F24
ddr2_d3
ddr2_d3
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
F26
ddr2_d4
ddr2_d4
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
F27
ddr2_d5
ddr2_d5
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
E27
ddr2_d6
ddr2_d6
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
E28
ddr2_d7
ddr2_d7
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
H23
ddr2_d8
ddr2_d8
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
H25
ddr2_d9
ddr2_d9
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
H24
ddr2_d10
ddr2_d10
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
H26
ddr2_d11
ddr2_d11
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
G26
ddr2_d12
ddr2_d12
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More