Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DDS39RF12ACK Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce DDS39RF12ACK
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DDS39RF12ACK Fiches technique(HTML) 13 Page - Texas Instruments

Back Button DDS39RF12ACK Datasheet HTML 9Page - Texas Instruments DDS39RF12ACK Datasheet HTML 10Page - Texas Instruments DDS39RF12ACK Datasheet HTML 11Page - Texas Instruments DDS39RF12ACK Datasheet HTML 12Page - Texas Instruments DDS39RF12ACK Datasheet HTML 13Page - Texas Instruments DDS39RF12ACK Datasheet HTML 14Page - Texas Instruments DDS39RF12ACK Datasheet HTML 15Page - Texas Instruments DDS39RF12ACK Datasheet HTML 16Page - Texas Instruments DDS39RF12ACK Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 177 page
background image
6.6 Electrical Characteristics - AC Specifications (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, FCLK = 12 GHz, DDS Mode, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, SE DEM and Dither (DEM_ADJ
= 1 below 750 MHz and DEM_ADJ = 0 above 750 MHz), unless otherwise noted. FDAC = FCLK in NRZ and RF modes and
FDAC = 2*FCLK in DES2XL/H modes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HD3
Third harmonic (HD3), 0 - FDAC/
2, IFS_SWITCH = 20.5 mA
fOUT = 97 MHz
-90
dBc
fOUT = 997 MHz
-67
dBc
fOUT = 1997 MHz
-68
dBc
fOUT = 2997 MHz
-63
dBc
fOUT = 3997 MHz
-66
dBc
fOUT = 4997 MHz
-75
dBc
Third harmonic (HD3), 0 - FDAC/
2, IFS_SWITCH = 41 mA
fOUT = 97 MHz
-73
dBc
fOUT = 997 MHz
-55
dBc
fOUT = 1997 MHz
-49
dBc
fOUT = 2997 MHz
-47
dBc
fOUT = 3997 MHz
-49
dBc
fOUT = 4997 MHz
-52
dBc
SFDRNONHD23
non-HD2/3 SFDR, IFS_SWITCH = 20.5
mA
fOUT = 97 MHz
94
dBc
fOUT = 997 MHz
87
dBc
fOUT = 1997 MHz
92
dBc
fOUT = 2997 MHz
91
dBc
fOUT = 3997 MHz
89
dBc
fOUT = 4997 MHz
86
dBc
non-HD2/3 SFDR, IFS_SWITCH = 41
mA
fOUT = 97 MHz
87
dBc
fOUT = 997 MHz
72
dBc
fOUT = 1997 MHz
73
dBc
fOUT = 2997 MHz
74
dBc
fOUT = 3997 MHz
74
dBc
fOUT = 4997 MHz
72
dBc
IMD3
Third-order two tone intermodulation
distortion, IFS_SWITCH = 20.5 mA
fOUT = 97 +/- 10 MHz, -7dBFS/tone
-100
dBc
fOUT = 997 +/- 10 MHz, -7dBFS/tone
-73
dBc
fOUT = 1997 +/- 10 MHz, -7dBFS/tone
-75
dBc
fOUT = 2997 +/- 10 MHz, -7dBFS/tone
-71
dBc
fOUT = 3997 +/- 10 MHz, -7dBFS/tone
-65
dBc
fOUT = 4997 +/- 10 MHz, -7dBFS/tone
-61
dBc
Third-order two tone intermodulation
distortion, IFS_SWITCH = 41 mA
fOUT = 97 +/- 10 MHz, -7dBFS/tone
-87
dBc
fOUT = 997 +/- 10 MHz, -7dBFS/tone
-61
dBc
fOUT = 1997 +/- 10 MHz, -7dBFS/tone
-58
dBc
fOUT = 2997 +/- 10 MHz, -7dBFS/tone
-52
dBc
fOUT = 3997 +/- 10 MHz, -7dBFS/tone
-51
dBc
fOUT = 4997 +/- 10 MHz, -7dBFS/tone
-47
dBc
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com