Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DDS39RF12ACK Fiches technique(PDF) 80 Page - Texas Instruments

No de pièce DDS39RF12ACK
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DDS39RF12ACK Fiches technique(HTML) 80 Page - Texas Instruments

Back Button DDS39RF12ACK Datasheet HTML 76Page - Texas Instruments DDS39RF12ACK Datasheet HTML 77Page - Texas Instruments DDS39RF12ACK Datasheet HTML 78Page - Texas Instruments DDS39RF12ACK Datasheet HTML 79Page - Texas Instruments DDS39RF12ACK Datasheet HTML 80Page - Texas Instruments DDS39RF12ACK Datasheet HTML 81Page - Texas Instruments DDS39RF12ACK Datasheet HTML 82Page - Texas Instruments DDS39RF12ACK Datasheet HTML 83Page - Texas Instruments DDS39RF12ACK Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 177 page
background image
7.5.1.6 Streaming Mode
The serial interface supports streaming reads and writes. In this mode, the initial 24 bits of the transaction
specifies the access type, register address, and data value as normal. Additional clock cycles of write or read
data are immediately transferred, as long as the SCS input is maintained in the asserted (logic low) state. The
register address auto increments (default) or decrements for each subsequent 8-bit transfer of the streaming
transaction. The ASCEND bit (register 000h, bit 5) controls whether the address value ascends (increments) or
descends (decrements). Figure 7-59 shows the streaming mode transaction details.
SCLK
1
24
Multiple Register Access
SCS
SDI
Command Field
Data Field (write mode)
SDO
(read mode)
Data Field
High Z
17
16
8
32
Data Field
High Z
25
Data Field (write mode)
A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
R/W
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
Figure 7-59. Serial Interface Protocol: Streaming Read and Write
7.5.2 Using the Fast Reconfiguration Interface
The FR interface provides fast write-only access to configure NCO frequencies and synchronization. The FR
interface is similar to the SPI interface, but 4 bits are sent per clock cycle. The FR timing diagram is shown
in Figure 7-60. It uses a R/W bit (always Write for this device), a transaction sync bit (FRS), and 14-bits of
address followed by some number of data bytes. The address is decremented after each data byte (consistent
with little-endian). The interface is byte addressable and data is committed after each byte. The FR interface
is takes 4-bits (one nibble) per clock. For multi-nibble fields, data is sent most-significant nibble first. When
the transaction sync bit (FRS) is set, the synchronization event specified in the NCO_SYNC_SRC register field
occurs at the rising edge of FRCS. Transactions ended before the completion of the first data byte may not
trigger the sync event.
FRCS
FRCLK
FRDI[3]
RW
A[11]
A[7]
A[3]
D[7]
D[3]
Address A
Address A-1
FRS
A[10]
A[6]
A[2]
D[6]
D[2]
A[13]
A[9]
A[5]
A[1]
D[5]
D[1]
A[12]
A[8]
A[4]
A[0]
D[4]
D[0]
FRDI[2]
FRDI[1]
FRDI[0]
D[7]
D[3]
D[6]
D[2]
D[5]
D[1]
D[4]
D[0]
Figure 7-60. FR Interface Timing Diagram
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
www.ti.com
80
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com