| Moteur de recherche de fiches techniques de composants électroniques |
|
INA191 Fiches technique(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA191 Fiches technique(HTML) 40 Page - Texas Instruments |
|
40 / 42 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant INA191A1IYFDR DSBGA YFD 6 3000 180.0 8.4 0.84 1.25 0.5 4.0 8.0 Q2 INA191A2IYFDR DSBGA YFD 6 3000 180.0 8.4 0.84 1.25 0.5 4.0 8.0 Q2 INA191A2IYFDR DSBGA YFD 6 3000 178.0 8.4 0.84 1.27 0.46 4.0 8.0 Q2 INA191A3IYFDR DSBGA YFD 6 3000 178.0 8.4 0.84 1.27 0.46 4.0 8.0 Q2 INA191A3IYFDR DSBGA YFD 6 3000 180.0 8.4 0.84 1.25 0.5 4.0 8.0 Q2 INA191A4IYFDR DSBGA YFD 6 3000 180.0 8.4 0.84 1.25 0.5 4.0 8.0 Q2 INA191A4IYFDR DSBGA YFD 6 3000 178.0 8.4 0.84 1.27 0.46 4.0 8.0 Q2 INA191A5IYFDR DSBGA YFD 6 3000 180.0 8.4 0.84 1.25 0.5 4.0 8.0 Q2 INA191A5IYFDR DSBGA YFD 6 3000 178.0 8.4 0.84 1.27 0.46 4.0 8.0 Q2 INA2191A1IYBJR DSBGA YBJ 12 3000 180.0 8.4 1.3 1.66 0.47 4.0 8.0 Q1 INA2191A2IYBJR DSBGA YBJ 12 3000 180.0 8.4 1.3 1.66 0.47 4.0 8.0 Q1 INA2191A3IYBJR DSBGA YBJ 12 3000 180.0 8.4 1.3 1.66 0.47 4.0 8.0 Q1 INA2191A4IYBJR DSBGA YBJ 12 3000 180.0 8.4 1.3 1.66 0.47 4.0 8.0 Q1 INA2191A5IYBJR DSBGA YBJ 12 3000 180.0 8.4 1.3 1.66 0.47 4.0 8.0 Q1 Pack Materials-Page 1 |